PART |
Description |
Maker |
MAX1504111 |
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
|
Maxim Integrated Products
|
MAX1504110 |
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
|
Maxim Integrated Products
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
ISL12058 ISL12058IBZ ISL12058IBZ-T ISL12058IRTZ IS |
Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Cost and Low Power I2C-Bus™ Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I2C-Bus垄芒 Real Time Clock/Calendar
|
Intersil, Corp. Intersil Corporation
|
HSMP-3860-BLK HSMP-3860-TR1 HSMP-3860-TR2 HSMP-386 |
Surface Mount PIN Diodes HSMP-386E · Low cost general purpose PIN diode HSMP-3862 · Low cost general purpose PIN diode HSMP-386C · Low cost general purpose PIN diode HSMP-386L · Low cost general purpose PIN diode HSMP-3863 · Low cost general purpose PIN diode HSMP-3864 · Low cost general purpose PIN diode HSMP-386B · Low cost general purpose PIN diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5962-87530013A 5962-8753101UX 5962-8753103TX 5962- |
TFT LCD DC-DC Converter with Integrated Charge Pumps 28V Linear Li Battery Charger with Smart Autoboot Assistant High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers Evaluation Kit for the MAX8760 Low-Cost, SMBus, CCFL Backlight Controller Low-Dropout, 300mA Linear Regulator in µMAX X9热卖异步FIFO Evaluation Kit for the MAX8753 保险丝,可编程的PLD Evaluation Kit for the MAX8808 X9热卖异步FIFO Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage Reference 保险丝,可编程的PLD x9 Asynchronous FIFO X9热卖异步FIFO
|
Littelfuse, Inc. Maxim Integrated Products, Inc. Honeywell International, Inc. NIC Components, Corp.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX698-MAX699 MAX699 MAX699CPA MAX699CWE MAX699EPA |
4-Wide AND-OR-invert Gates 14-CDIP -55 to 125 Low Cost Power-On Reset and Watchdog Controllers Low-Cost Power On Reset IC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
QL2003 QL2003_DS QL2003-0PF100C QL2003-0PF100I QL2 |
3.3V and 5.0V pASIC2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA From old datasheet system 3.3V AND 5.0V PASIC-R 2 FPGA COMBINING SPEED, DENSITY, LOW COST AND FLEXIBILITY 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) FPGA, 192 CLBS, 5000 GATES, 200 MHz, PQCC84
|
List of Unclassifed Manufacturers ETC QuickLogic Corp.
|